| データシートサーチシステム |
|
SN74ACT3638PCB データシート(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT3638PCB データシート(HTML) 22 Page - Texas Instruments |
|
22 / 30 page ![]() SN74ACT3638 512 × 32 × 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY SCAS228D – JUNE 1992 – REVISED APRIL 1998 22 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 CLKA IRA tsu(RM) th(RM) RTM tsk1† FIFO1 Filled to First Retransmit Word CLKB tpd(C-IR) 12 One or More FIFO1 Write Locations Available † tsk1 is the minimum time between a rising CLKB edge and a rising CLKA edge for IRA to transition high in the next CLKA cycle. If the time between the rising CLKB edge and rising CLKA edge is less than tsk1, then IRA may transition high one CLKA cycle later than shown. Figure 19. IRA Timing From the End of Retransmit Mode When One or More FIFO1 Write Locations Are Available CLKA AFA tsu(RM) th(RM) RTM tsk2‡ (512 – Y1) or More Words Past First Retransmit Word CLKB tpd(C-AE) 12 (Y1+ 1) or More Write Locations Available ‡ tsk2 is the minimum time between a rising CLKB edge and a rising CLKA edge for AFA to transition high in the next CLKA cycle. If the time between the rising CLKB edge and rising CLKA edge is less than tsk2, then AFA may transition high one CLKA cycle later than shown. NOTE A: Y is the value loaded in the almost-full flag offset register. Figure 20. AFA Timing From the End of Retransmit Mode When (Y1 + 1) or More FIFO1 Write Locations Are Available |