| データシートサーチシステム |
|
LTC2230UP データシート(PDF) 16 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2230UP データシート(HTML) 16 Page - Linear Technology |
|
16 / 32 page ![]() LTC2230/LTC2231 16 22301fb tH tD tC tL N – 5 N – 4 N – 3 N – 2 N – 1 tAP N + 1 N + 2 N + 4 N + 3 N ANALOG INPUT ENC– ENC+ CLOCKOUT – CLOCKOUT+ D0-D9, OF 22201 TD01 LVDS Output Mode Timing All Outputs Are Differential and Have LVDS Levels TI I G DIAGRA S tAP N + 1 N + 2 N + 4 N + 3 N ANALOG INPUT tH tD tC tL N – 5 N – 4 N – 3 N – 2 N – 1 ENC– ENC+ CLOCKOUTB CLOCKOUTA DA0-DA9, OFA DB0-DB9, OFB 22201 TD02 HIGH IMPEDANCE Full-Rate CMOS Output Mode Timing All Outputs Are Single-Ended and Have CMOS Levels |