| データシートサーチシステム |
|
TMS320VC5421 データシート(PDF) 73 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5421 データシート(HTML) 73 Page - Texas Instruments |
|
73 / 88 page ![]() TMS320VC5421 DIGITAL SIGNAL PROCESSOR SPRS098 – DECEMBER 1999 73 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 multichannel buffered serial port timing (continued) timing requirements for McBSP general-purpose I/O (see Figure 41) MIN MAX UNIT tsu(BGPIO-COH) Setup time, BGPIOx input mode before CLKOUT high† 9 ns th(COH-BGPIO) Hold time, BGPIOx input mode after CLKOUT high† 0 ns † BGPIOx refers to BCLKRx, BFSRx, BDRx, BCLKXx, or BFSXx when configured as a general-purpose input. switching characteristics for McBSP general-purpose I/O (see Figure 41) PARAMETER MIN MAX UNIT td(COH-BGPIO) Delay time, CLKOUT high to BGPIOx output mode‡ –10 10 ns ‡ BGPIOx refers to BCLKRx, BFSRx, BCLKXx, BFSXx, or BDXx when configured as a general-purpose output. tsu(BGPIO-COH) th(COH-BGPIO) td(COH-BGPIO) CLKOUT BGPIOx Input Mode† BGPIOx Output Mode‡ † BGPIOx refers to BCLKRx, BFSRx, BDRx, BCLKXx, or BFSXx when configured as a general-purpose input. ‡ BGPIOx refers to BCLKRx, BFSRx, BCLKXx, BFSXx, or BDXx when configured as a general-purpose output. Figure 41. McBSP General-Purpose I/O Timings |