| データシートサーチシステム |
|
ASM3I622S00AG-08-TR データシート(PDF) 8 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM3I622S00AG-08-TR データシート(HTML) 8 Page - PulseCore Semiconductor |
|
8 / 16 page ![]() May 2007 ASM3P622S00A/B/J/E/K rev 0.4 Low Frequency Timing-Safe™ Peak EMI Reduction IC 8 of 16 Notice: The information in this document is subject to change without notice. Input-Output Skew Test Circuit A Typical example of Timing-Safe™ waveform VDD GND CLKOUT LOAD OUTPUT 0.1uF +3.3V 0.1uF +3.3V VDD TSKEW - One clock cycle N=1 TSKEW+ Input Timing-Safe™ Output TSKEW represents input-output skew when spread spectrum is ON For example, TSKEW = ± 0.125 for an Input clock12MHz, translates in to (1/12MHz) * 0.125=10.41nS Input CLKOUT with SSOFF Input Timing-Safe™ CLKOUT |