データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ASM3I622S00AG-08-TR データシート(PDF) 9 Page - PulseCore Semiconductor

部品番号 ASM3I622S00AG-08-TR
部品情報  Low Frequency Timing-Safe??Peak EMI reduction IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSECORE [PulseCore Semiconductor]
ホームページ  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3I622S00AG-08-TR データシート(HTML) 9 Page - PulseCore Semiconductor

Back Button ASM3I622S00AG-08-TR Datasheet HTML 5Page - PulseCore Semiconductor ASM3I622S00AG-08-TR Datasheet HTML 6Page - PulseCore Semiconductor ASM3I622S00AG-08-TR Datasheet HTML 7Page - PulseCore Semiconductor ASM3I622S00AG-08-TR Datasheet HTML 8Page - PulseCore Semiconductor ASM3I622S00AG-08-TR Datasheet HTML 9Page - PulseCore Semiconductor ASM3I622S00AG-08-TR Datasheet HTML 10Page - PulseCore Semiconductor ASM3I622S00AG-08-TR Datasheet HTML 11Page - PulseCore Semiconductor ASM3I622S00AG-08-TR Datasheet HTML 12Page - PulseCore Semiconductor ASM3I622S00AG-08-TR Datasheet HTML 13Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
May 2007
ASM3P622S00A/B/J/E/K
rev 0.4
Low Frequency Timing-Safe™ Peak EMI Reduction IC
9 of 16
Notice: The information in this document is subject to change without notice.
Package Information
8-lead (150-mil) SOIC Package
E
H
D
A1
A2
A
θ
L
C
B
e
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A1
0.004
0.010
0.10
0.25
A
0.053
0.069
1.35
1.75
A2
0.049
0.059
1.25
1.50
B
0.012
0.020
0.31
0.51
C
0.007
0.010
0.18
0.25
D
0.193 BSC
4.90 BSC
E
0.154 BSC
3.91 BSC
e
0.050 BSC
1.27 BSC
H
0.236 BSC
6.00 BSC
L
0.016
0.050
0.41
1.27
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16