データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS2216ADAP データシート(PDF) 16 Page - Texas Instruments

部品番号 TPS2216ADAP
部品情報  LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS2216ADAP データシート(HTML) 16 Page - Texas Instruments

Back Button TPS2216ADAP Datasheet HTML 12Page - Texas Instruments TPS2216ADAP Datasheet HTML 13Page - Texas Instruments TPS2216ADAP Datasheet HTML 14Page - Texas Instruments TPS2216ADAP Datasheet HTML 15Page - Texas Instruments TPS2216ADAP Datasheet HTML 16Page - Texas Instruments TPS2216ADAP Datasheet HTML 17Page - Texas Instruments TPS2216ADAP Datasheet HTML 18Page - Texas Instruments TPS2216ADAP Datasheet HTML 19Page - Texas Instruments TPS2216ADAP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
TPS2214A, TPS2216A
LOW-COST DUAL-SLOT PC CARD POWER SWITCH
FOR SERIAL PCMCIA CONTROLLERS
SLVS267 – DECEMBER 1999
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 24
0
–50
50
100
0.08
0.2
STATIC DRAIN-SOURCE ON-STATE RESISTANCE,
5-V xVCC SWITCH
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
0.12
0.16
0.04
0
dc Load = 0.75 A
Figure 25
0
–50
50
100
0.1
0.3
1
0.2
STATIC DRAIN-SOURCE ON-STATE RESISTANCE,
12-V xVPP SWITCH
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
0.4
0.5
0.6
0.9
0.7
0.8
dc Load = 50 mA
0
Figure 26
0
0
0.2
0.4
0.6
0.01
0.04
0.03
DC INPUT-TO-OUTPUT VOLTAGE (DROP),
3.3-V xVCC SWITCH
vs
LOAD CURRENT
IL – Load Current – A
0.05
0.06
0.02
85
°C
25
°C
–40
°C
0.8
Figure 27
0
0
0.2
0.4
0.6
0.04
0.1
DC INPUT-TO-OUTPUT VOLTAGE (DROP),
5-V xVCC SWITCH
vs
LOAD CURRENT
IL – Load Current – A
0.06
0.08
0.02
0.8
85
°C
25
°C
–40
°C
0.12
0.14
0.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com