データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS2216ADAP データシート(PDF) 23 Page - Texas Instruments

部品番号 TPS2216ADAP
部品情報  LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS2216ADAP データシート(HTML) 23 Page - Texas Instruments

Back Button TPS2216ADAP Datasheet HTML 19Page - Texas Instruments TPS2216ADAP Datasheet HTML 20Page - Texas Instruments TPS2216ADAP Datasheet HTML 21Page - Texas Instruments TPS2216ADAP Datasheet HTML 22Page - Texas Instruments TPS2216ADAP Datasheet HTML 23Page - Texas Instruments TPS2216ADAP Datasheet HTML 24Page - Texas Instruments TPS2216ADAP Datasheet HTML 25Page - Texas Instruments TPS2216ADAP Datasheet HTML 26Page - Texas Instruments TPS2216ADAP Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
TPS2214A, TPS2216A
LOW-COST DUAL-SLOT PC CARD POWER SWITCH
FOR SERIAL PCMCIA CONTROLLERS
SLVS267 – DECEMBER 1999
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
ESD protections (see Figure 32)
All TPS2214A and TPS2216A inputs and outputs incorporate ESD-protection circuitry designed to withstand
a 2-kV human-body-model discharge as defined in MIL-STD-883C, Method 3015. The xVCC and xVPP outputs
can be exposed to potentially higher discharges from the external environment through the PC Card connector.
Bypassing the outputs with 0.1-
µF capacitors protects the devices from discharges up to 10 kV.
† Maximum recommended output capacitance for xVCC is 220
µF and for xVPP is 10 µF without OC glitch when switches are powered on.
TPS2216A
VCC
BVPP
BVCC
BVCC
BVCC
AVPP
AVCC
AVCC
AVCC
RESET
LATCH
CLOCK
DATA
OC
RESET
VCC
0.1
µF†
0.1
µF†
Vpp1
Vpp2
PC Card
Connector A
VCC
VCC
0.1
µF†
0.1
µF†
Vpp1
Vpp2
PC Card
Connector B
DATA
CLOCK
LATCH
GPI/O
Controller
From PCI or
System RST
12V
3.3V
5V
12V
3.3V
5V
12V
3.3V
3.3V
5V
5V
MODE
STBY
0.1
µF
1
µF
0.1
µF
1
µF
0.1
µF
Figure 32. Detailed Interconnections and Capacitor Recommendations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com