| データシートサーチシステム |
|
LPC2917/01 データシート(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2917/01 データシート(HTML) 17 Page - NXP Semiconductors |
|
17 / 86 page ![]() LPC2917_19_01_2 © NXP B.V. 2009. All rights reserved. Preliminary data sheet Rev. 02 — 17 June 2009 17 of 86 NXP Semiconductors LPC2917/01; LPC2919/01 ARM9 microcontroller with CAN and LIN Two of the base clocks generated by the CGU0 are used as input into a second, dedicated CGU (CGU1). The CGU1 uses its own PLL and fractional divider to generate the base clock for an independent clock output. Fig 4. LPC2917/2919/01 block diagram, overview of clock areas TIMER0/1 MTMR PWM0/1/2/3 ADC1/2 QEI modulation and sampling control subsystem BASE_MSCSS_CLK branch clocks branch clocks BASE_ADC_CLK BA SE_ICLK0_CLK BASE_ICLK1_CLK CAN0/1 GLOBAL ACCEPTANCE FILTER LIN0/1 I2C0/1 networking subsystem BASE_IVNSS_CLK branch clocks branch clock RESET/CLOCK GENERATION AND POWER MANAGEMENT power control subsystem BASE_PCR_CLK branch clock GPIO0/1/2/3 TIMER 0/1/2/3 SPI0/1/2 UART0/1 WDT BASE_SYS_CLK CPU AHB MULTILAYER MATRIX VIC GPDMA FLASH/SRAM/SMC general subsytem peripheral subsystem AHB TO APB BRIDGES SYSTEM CONTROL EVENT ROUTER CFID branch clocks BASE_SAFE_CLK BASE_UART_CLK BASE_SPI_CLK BASE_TMR_CLK 002aad962 CGU0 CGU1 BASE_OUT_CLK CLOCK OUT |