| データシートサーチシステム |
|
LPC2917/01 データシート(PDF) 82 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2917/01 データシート(HTML) 82 Page - NXP Semiconductors |
|
82 / 86 page ![]() LPC2917_19_01_2 © NXP B.V. 2009. All rights reserved. Preliminary data sheet Rev. 02 — 17 June 2009 82 of 86 NXP Semiconductors LPC2917/01; LPC2919/01 ARM9 microcontroller with CAN and LIN 13. Abbreviations 14. References [1] UM10316 — LPC29xx user manual [2] ARM — ARM web site [3] ARM-SSP — ARM primecell synchronous serial port (PL022) technical reference manual [4] CAN — ISO 11898-1: 2002 road vehicles - Controller Area Network (CAN) - part 1: data link layer and physical signalling [5] LIN — LIN specification package, revision 2.0 Table 44. Abbreviations list Abbreviation Description AHB Advanced High-performance Bus AMBA Advanced Microcontroller Bus Architecture APB ARM Peripheral Bus BCL Buffer Control List BDL Buffer Descriptor List BEL Buffer Entry List BIST Built-In Self Test CCO Current Controlled Oscillator CISC Complex Instruction Set Computers DMA Direct Memory Access DSP Digital Signal Processing DTL Device Transaction Level ETB Embedded Trace Buffer ETM Embedded Trace Macrocell FIQ Fast Interrupt reQuest GPDMA General Purpose DMA IRQ Interrupt Request LIN Local Interconnect Network MAC Media Access Control PLL Phase-Locked Loop RISC Reduced Instruction Set Computer SFSP SCU Function Select Port x,y (use without the P if there are no x,y) SCL Slot Control List UART Universal Asynchronous Receiver Transmitter |