| データシートサーチシステム |
|
PCF8534AHL/1 データシート(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8534AHL/1 データシート(HTML) 22 Page - NXP Semiconductors |
|
22 / 47 page ![]() PCF8534A_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 6 August 2009 22 of 47 NXP Semiconductors PCF8534A Universal LCD driver for low multiplex rates 8.1.1.1 START and STOP conditions Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW change of the data line, while the clock is HIGH, is defined as the START condition (S). A LOW-to-HIGH change of the data line, while the clock is HIGH, is defined as the STOP condition (P). The START and STOP conditions are illustrated in Figure 14. 8.1.2 System configuration A device generating a message is a ‘transmitter’ and a device receiving a message is the ‘receiver’. The device that controls the message is the ‘master’ and the devices which are controlled by the master are the ‘slaves’. The system configuration is illustrated in Figure 15. Fig 13. Bit transfer mba607 data line stable; data valid change of data allowed SDA SCL Fig 14. Definition of START and STOP conditions mbc622 SDA SCL P STOP condition SDA SCL S START condition Fig 15. System configuration mga807 SDA SCL MASTER TRANSMITTER/ RECEIVER MASTER TRANSMITTER SLAVE TRANSMITTER/ RECEIVER SLAVE RECEIVER MASTER TRANSMITTER/ RECEIVER |