| データシートサーチシステム |
|
PCF8534AHL/1 データシート(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8534AHL/1 データシート(HTML) 9 Page - NXP Semiconductors |
|
9 / 47 page ![]() PCF8534A_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 6 August 2009 9 of 47 NXP Semiconductors PCF8534A Universal LCD driver for low multiplex rates configurations that apply to the preferred modes of operation, together with the biasing characteristics as functions of VLCD and the resulting discrimination ratios (D), are given in Table 5. A practical value for VLCD is determined by equating Voff(RMS) with a defined LCD threshold voltage (Vth), typically when the LCD exhibits approximately 10 % contrast. In the static drive mode a suitable choice is VLCD >3 × Vth. Multiplex drive modes of 1:3 and 1:4 with 1 ⁄2 bias are possible but the discrimination and hence the contrast ratios are smaller. Bias is calculated by , where the values for a are a = 1 for 1 ⁄2 bias a = 2 for 1 ⁄3 bias The RMS on-state voltage (Von(RMS)) for the LCD is calculated with Equation 1: (1) where the values for n are n = 1 for static mode n = 2 for 1:2 multiplex n = 3 for 1:3 multiplex n = 4 for 1:4 multiplex The RMS off-state voltage (Voff(RMS)) for the LCD is calculated with Equation 2: (2) Discrimination is the ratio of Von(RMS) to Voff(RMS) and is determined from Equation 3: (3) Table 5. Discrimination ratios LCD drive mode Number of: LCD bias configuration Backplanes Levels static 1 2 static 0 1 ∞ 1:2 multiplex 2 3 1 ⁄ 2 0.354 0.791 2.236 1:2 multiplex 2 4 1 ⁄ 3 0.333 0.745 2.236 1:3 multiplex 3 4 1 ⁄ 3 0.333 0.638 1.915 1:4 multiplex 4 4 1 ⁄ 3 0.333 0.577 1.732 V off RMS () V LCD -------------------------- V on RMS () V LCD ------------------------- D V on RMS () V off RMS () -------------------------- = 1 1a + ------------- V on RMS () 1 n --- n 1 – () n ----------------- 1 1a + ------------- 2 × + V LCD = V off RMS () a2 2a – n + n 1a + () 2 × ------------------------------ V LCD = D V on RMS () V off RMS () ------------------------ a1 + () 2 n 1 – () + a1 – () 2 n 1 – () + -------------------------------------------- == |