データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RHT10 データシート(PDF) 6 Page - Extech Instruments Corporation.

部品番号 RHT10
部品情報  Registrador de Humedad / Temperatura
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXTECH [Extech Instruments Corporation.]
ホームページ  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RHT10 データシート(HTML) 6 Page - Extech Instruments Corporation.

Back Button RHT10 Datasheet HTML 2Page - Extech Instruments Corporation. RHT10 Datasheet HTML 3Page - Extech Instruments Corporation. RHT10 Datasheet HTML 4Page - Extech Instruments Corporation. RHT10 Datasheet HTML 5Page - Extech Instruments Corporation. RHT10 Datasheet HTML 6Page - Extech Instruments Corporation. RHT10 Datasheet HTML 7Page - Extech Instruments Corporation. RHT10 Datasheet HTML 8Page - Extech Instruments Corporation. RHT10 Datasheet HTML 9Page - Extech Instruments Corporation. RHT10 Datasheet HTML 10Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
User Manual for Model RHT10 Version 1.3 March 2007
6
DOWNLOAD SAVED DATA TO PC
To transfer the readings stored in the Logger to the PC:
1.
Connect the Logger to the same USB port used when the Logger was initialized
2.
Open the Datalogger software program if it is not still running
3.
Click the Download icon (1
st on the left) or select Data Download from the LINK pull-down menu
4.
The Window shown below will appear. Press DOWNLOAD to begin transferring readings
If readings are successfully transferred, the VIEW screen and the SAVE screen (both shown below) will appear.
In the SAVE screen, name the file and save it to a convenient location. At a later time, the user can select
SAVE-AS and save the data as an Excel, Text, or Bitmap file (explained in next section), however, the data in this
case is saved as an .rec file for use in this program only.
In the VIEW screen (below) press VIEW to see the data graphically. If there are no readings currently stored in the
Logger, the program will let the user know via warning screen.
When VIEW is pressed, the Data Graph window appears (pictured and discussed in the next section)



Html Pages

1 2 3 4 5 6 7 8 9 10 11