データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RHT10 データシート(PDF) 8 Page - Extech Instruments Corporation.

部品番号 RHT10
部品情報  Registrador de Humedad / Temperatura
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXTECH [Extech Instruments Corporation.]
ホームページ  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RHT10 データシート(HTML) 8 Page - Extech Instruments Corporation.

Back Button RHT10 Datasheet HTML 3Page - Extech Instruments Corporation. RHT10 Datasheet HTML 4Page - Extech Instruments Corporation. RHT10 Datasheet HTML 5Page - Extech Instruments Corporation. RHT10 Datasheet HTML 6Page - Extech Instruments Corporation. RHT10 Datasheet HTML 7Page - Extech Instruments Corporation. RHT10 Datasheet HTML 8Page - Extech Instruments Corporation. RHT10 Datasheet HTML 9Page - Extech Instruments Corporation. RHT10 Datasheet HTML 10Page - Extech Instruments Corporation. RHT10 Datasheet HTML 11Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
User Manual for Model RHT10 Version 1.3 March 2007
8
SAVE AND OPEN DATA FILES
To save the transferred data in a format other than the proprietary .rec format, click the SAVE AS icon from the
menu bar (3
rd from right) or select SAVE AS from the FILE pull-down menu. The data can be saved in the
following formats:
TEXT FILE (.txt)
EXCEL FILE (.xls)
BITMAP FILE (.bmp)
To open an existing data file for viewing on the data graph window, click on the FILE OPEN icon on the menu bar
(3
rd from left) or select FILE OPEN from the FILE pull-down menu. When prompted, select a .rec file saved earlier.
PRINT DATA GRAPH
To print a data graph window to a line or network printer, click on the printer icon or select PRINT from the FILE
pull-down menu. Note that color graph windows can be accurately printed on color printers.
CLEAR LOGGER DATA
The Logger retains data in its internal memory until the user begins a new logging session. Starting a new logging
session clears all of the logger’s stored readings; be sure to save data before starting a new logging session.



Html Pages

1 2 3 4 5 6 7 8 9 10 11