| データシートサーチシステム |
|
TMC2193KJC データシート(PDF) 60 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
TMC2193KJC データシート(HTML) 60 Page - Cadeka Microcircuits LLC. |
|
60 / 72 page ![]() TMC2193 PRODUCT SPECIFICATION 60 REV. 1.0 3/26/03 Control Register Definitions (continued) Subcarrier Register (0x46) 76543210 BURPHL Reg Bit Name Description 46 7-0 BURPHL Burst Phase. Bits 7-0 of the burst phase offset BURPH[15:0]. Subcarrier Register (0x47) 76543210 BURPHM Reg Bit Name Description 47 7-0 BURPHM Burst Phase. Bits 15-8 of the burst phase offset BURPH[15:0]. Burst Height Register (0x48) 76543210 BRSTFULL Reg Bit Name Description 48 7-0 BRSTFULL Burst Height – Maximum Amplitude. The 8 bit value assigned to U burst component in NTSC and to the U and V components in PAL for the maximum burst amplitude. The burst envelopes midpoint is derived from BRSTFULL. The value programmed into BRSTFULL needs to be .707 of the magnitude of the burst vector. Burst Height Register (0x49) 76543210 BRST1 Reg Bit Name Description 49 7-0 BRST1 Burst Height – 1st Intermediate Value. The 8 bit value assigned to U burst component in NTSC and to the U and V components in PAL for the first intermediate value of the burst envelope. The value programmed into BRST1 needs to be .707 of the magnitude of the burst vector. |