| データシートサーチシステム |
|
TMC2193KJC データシート(PDF) 61 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
TMC2193KJC データシート(HTML) 61 Page - Cadeka Microcircuits LLC. |
|
61 / 72 page ![]() PRODUCT SPECIFICATION TMC2193 REV. 1.0 3/26/03 61 Control Register Definitions (continued) Subcarrier Register (0x4A) 76543210 BRST2 Reg Bit Name Description 4A 7-0 BRST2 Burst Height – 2nd Intermediate Value. The 8 bit value assigned to U burst component in NTSC and to the U and V components in PAL for the second intermediate value of the burst envelope. The value programmed into BRST2 needs to be .707 of the magnitude of the burst vector. Pedestal Height Register (0x4B) 76543210 NBMD PEDHGT2 Reg Bit Name Description 4B 7 NBMD Component Blank and Sync Level Selection. When NBMD is LOW, the blank level for Y or RGB is 256 and the sync level is 12. When NMBD is HIGH, the blank level for Y or RGB is a D/A code of 240 and the sync level is a D\A code of 8. 4B 6-0 PEDGHT2 Component Pedestal Height. PEDHGT2 is a 2’s comp value producing a pedestal height from -22.1 IRE to 21.7 IRE with .345 IRE steps of the luminance data of the YPBPR component output. |