データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC89L53AF データシート(PDF) 12 Page - Megawin Technology Co., Ltd

部品番号 MPC89L53AF
部品情報  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MEGAWIN [Megawin Technology Co., Ltd]
ホームページ  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89L53AF データシート(HTML) 12 Page - Megawin Technology Co., Ltd

Back Button MPC89L53AF Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 9Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 10Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 11Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 12Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 13Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 14Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 15Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 16Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Embedded Flash
There is totally 15 Kbytes flash embedded in the MPC89x53A.
The embedded flash is shared by the user application program code and the ISP program
code.
While the program counter of MPC89x53A is spanning over 2BFFh/33FFh/37FFh/3BFFh, the
device will fetch its program code from the external memory at once ignoring the /EA pin status.
In that case, it will never fetch the program code from the following embedded flash.
The user can develop the ISP program and put it into the embedded flash that addressed from
2C00h, 3400h, or 3800h by configuring OR0[5:4]. Excluding the ISP program.
12
MPC89x53A Data Sheet
MEGAWIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38