| データシートサーチシステム |
|
MPC89L53AF データシート(PDF) 32 Page - Megawin Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
MPC89L53AF データシート(HTML) 32 Page - Megawin Technology Co., Ltd |
|
32 / 38 page ![]() Note for Other SFR SFR: AUXR Bit-7 Bit-6 Bit-5 Bit-4 Bit-3 Bit-2 Bit-1 Bit-0 - - - - - - ERAM AO ERAM: Define if hide the expanded RAM, so to access to the external RAM 0: = The internal auxiliary RAM access is enabled 1: =The internal auxiliary RAM access is disabled. The MOVX instructions always direct to external RAM. AO: 0: = ALE is emitted at a constant rate of 1/6 the oscillator frequency for 12T mode, and at a constant rate of 1/3 the oscillator frequency for 6T mode 1: = ALE is active only during access to external memory for both MOVC and MOVX SFR: AUXR1 Bit-7 Bit-6 Bit-5 Bit-4 Bit-3 Bit-2 Bit-1 Bit-0 - - - - GF2 - - DPS GF2: General purpose flag DPS: Data pointer switch 0: = Make the data pointer-0 active 1: = Make the data pointer-1 active 32 MPC89x53A Data Sheet MEGAWIN |