データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F103C8U7XXX データシート(PDF) 29 Page - STMicroelectronics

部品番号 STM32F103C8U7XXX
部品情報  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8U7XXX データシート(HTML) 29 Page - STMicroelectronics

Back Button STM32F103C8U7XXX Datasheet HTML 25Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 26Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 27Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 28Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 29Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 30Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 31Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 32Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
STM32F103x8, STM32F103xB
Pinouts and pin description
Doc ID 13587 Rev 11
29/92
A10 34
A8
46
72
25
PA13
I/O FT JTMS/SWDIO
PA13
F8
-
-
-
73
-
Not connected
E6
35
D5
47
74
26
VSS_2
SVSS_2
F6
36
E5
48
75
27
VDD_2
SVDD_2
A9
37
A7
49
76
28
PA14
I/O FT JTCK/SWCLK
PA14
A8
38
A6
50
77
29
PA15
I/O FT
JTDI
TIM2_CH1_ETR/
PA15 /SPI1_NSS
B9
-
B7
51
78
PC10
I/O FT
PC10
USART3_TX
B8
-
B6
52
79
PC11
I/O FT
PC11
USART3_RX
C8
-
C5
53
80
PC12
I/O FT
PC12
USART3_CK
D8
5
C1
5
81
2
PD0
I/O FT
OSC_IN(9)
CANRX
E8
6
D1
6
82
3
PD1
I/O FT OSC_OUT(9)
CANTX
B7
B5
54
83
-
PD2
I/O FT
PD2
TIM3_ETR
C7
-
-
-
84
-
PD3
I/O FT
PD3
USART2_CTS
D7
-
-
-
85
-
PD4
I/O FT
PD4
USART2_RTS
B6
-
-
-
86
-
PD5
I/O FT
PD5
USART2_TX
C6
-
-
-
87
-
PD6
I/O FT
PD6
USART2_RX
D6
-
-
-
88
-
PD7
I/O FT
PD7
USART2_CK
A7
39
A5
55
89
30
PB3
I/O FT
JTDO
TIM2_CH2 / PB3
TRACESWO
SPI1_SCK
A6
40
A4
56
90
31
PB4
I/O FT
JNTRST
TIM3_CH1/ PB4/
SPI1_MISO
C5
41
C4
57
91
32
PB5
I/O
PB5
I2C1_SMBAl
TIM3_CH2 /
SPI1_MOSI
B5
42
D3
58
92
33
PB6
I/O FT
PB6
I2C1_SCL(8)/
TIM4_CH1(8)
USART1_TX
A5
43
C3
59
93
34
PB7
I/O FT
PB7
I2C1_SDA(8)/
TIM4_CH2(8)
USART1_RX
D5
44
B4
60
94
35
BOOT0
I
BOOT0
B4
45
B3
61
95
-
PB8
I/O FT
PB8
TIM4_CH3(8)
I2C1_SCL /
CANRX
A4
46
A3
62
96
-
PB9
I/O FT
PB9
TIM4_CH4(8)
I2C1_SDA/
CANTX
Table 5.
Medium-density STM32F103xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92