| データシートサーチシステム |
|
STM32F103C8U7XXX データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103C8U7XXX データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 92 page ![]() STM32F103x8, STM32F103xB Memory mapping Doc ID 13587 Rev 11 31/92 4 Memory mapping The memory map is shown in Figure 9. Figure 9. Memory map reserved 0x4000 0000 0x4000 0400 0x4000 0800 0x4000 0C00 0x4000 2800 0x4000 2C00 0x4000 3000 0x4000 3400 0x4000 3800 0x4000 3C00 0x4000 4400 0x4000 4800 0x4000 4C00 0x4001 0C00 0x4001 1000 0x4001 1400 0x4001 1800 0x4002 1400 APB memory space DMA 0x4002 1000 TIM2 Reserved 0x4001 0800 0x4001 1C00 0x4001 2400 0x4001 2800 0x4001 2C00 0x4001 3000 0x4001 3400 0x4001 3800 TIM3 TIM4 reserved RTC WWDG IWDG reserved SPI2 USART2 USART3 AFIO Port A Port C Port D rese rve d ADC1 reserved USART1 reserved 0x4002 0400 0x4002 0000 0x4001 3C00 0x4000 5400 0x4000 5800 reserved ADC2 TIM1 SPI1 reserved I2C1 BKP 0x4000 6000 0x4000 5C00 Por t E PWR Port B I2C2 reserved bxCAN EXTI reserved RCC reserved Flash Interf ace reserved reserved reserved 0x4000 6400 0x4000 6800 0x4000 6C00 0x4000 7000 0x4000 7400 0x4001 0000 0x4001 0400 0x4002 2000 0x4002 2400 0x4002 3000 0x4002 3400 0x6000 0000 0xE010 0000 reserved 0xFFFF FFFF USB Reg isters CRC 0 1 2 3 4 5 6 7 0x2000 0000 0x4000 0000 0x6000 0000 0x8000 0000 0xA000 0000 0xC000 0000 0xE000 0000 0xFFFF FFFF 0x0000 0000 Peripherals SRAM Flash memory rese rved rese rved 0x0800 0000 0x0801 FFFF 0x1FFF F000 0x1FFF FFFF System memory Option Bytes 0x1FFF F800 0x1FFF F80F Cortex- M3 Internal Peripherals 0xE010 0000 ai14394f shared 512 byte USB/CAN SRAM Aliased to Flash or system memory depending on BOOT pins 0x0000 0000 |