| データシートサーチシステム |
|
TC500ACPF データシート(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC500ACPF データシート(HTML) 23 Page - Microchip Technology |
|
23 / 38 page ![]() © 2008 Microchip Technology Inc. DS21428E-page 23 TC500/A/510/514 10.0 PACKAGING INFORMATION 10.1 Package Marking Information 16-Lead PDIP (300 mil) (TC500/TC500A) Example: 16-Lead SOIC (300 mil) (TC500/TC500A) Example: XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN XXXXXXXXXXX YYWWNNN TC500CPE ^^ 0818256 XXXXXXXXXXX Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 16-Lead CERDIP (300 mil) (TC500/TC500A) Example: XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN TC500AIJE 0818256 XXXXXXXXXXX 0818256 TC500ACOE ^^ 3 e 3 e 3 e 3 e |