| データシートサーチシステム |
|
MB90F334APMC データシート(PDF) 51 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F334APMC データシート(HTML) 51 Page - fujitsu semiconductor |
|
51 / 72 page ![]() MB90330A Series DS07-13734-7E 51 Note : The rating of the input data set-up time in the device connected to the bus cannot be satisfied depending on the load capacitance or pull-up resistor. Be sure to adjust the pull-up resistor of SDA and SCL if the rating of the input data set-up time cannot be satisfied. SDA SCL 6 tcp • Note of SDA, SCL set-up time Input data set-up time SDA SCL tLOW tHDSTA tHDDAT tSUDAT tSUSTA tSUSTO tHDSTA tHIGH tBUS •Timing definition |