データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB90F334APMC データシート(PDF) 32 Page - fujitsu semiconductor

部品番号 MB90F334APMC
部品情報  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJITSU [fujitsu semiconductor]
ホームページ  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC データシート(HTML) 32 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 28Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 29Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 30Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 31Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 32Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 33Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 34Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 35Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 36Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
MB90330A Series
32
DS07-13734-7E
(Continued)
: Available, EI2OS stop function provided (The interrupt request flag is cleared by the interrupt clear signal.
With a stop request).
: Available (The interrupt request flag is cleared by the interrupt clear signal.)
: Available when any interrupt source sharing ICR is not used.
× : Unavailable
*1 : If the same level interrupt is output simultaneously, the lower interrupt factor of interrupt vector number has priority.
*2 : ch.2 and 3 can also be used during USB HOST operation.
Notes :
• If the same interrupt control register (ICR) has two interrupt factors and the use of the EI2OS is permitted,
the EI2OS is activated when either of the factors is detected. As any interrupt other than the activation
factor is masked while the EI2OS is running, it is recommended that you should mask either of the interrupt
requests when using the EI2OS.
• The interrupt flag is cleared by the EI2OS interrupt clear signal for the resource that has two interrupt
factors in the same interrupt control register (ICR).
• If a resource has two interrupt sources for the same interrupt number, both of the interrupt request flags are
cleared by the
μDMAC interrupt clear signal. Therefore, when you use either of two interrupt factors for the
DMAC function, another interrupt function is disabled. Set the interrupt request permission bit to “0” in the
appropriate resource, and take measures by software polling.
• Content of USB interruption factor
* : Endpoints 1 and 2 can also be used during USB HOST operation.
USB interrupt factor
Details
USB function 1
End Point0-IN End Point0-OUT
USB function 2
End Point1-5 *
USB function 3
SUSP SOF BRST WKUP CONF
USB function 4
SPK
USB HOST1
DIRQ CNNIRQ URIRQ RWKIRQ
USB HOST2
SOFIRQ CMPIRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72