| データシートサーチシステム |
|
MB91F613 データシート(PDF) 7 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F613 データシート(HTML) 7 Page - fujitsu semiconductor |
|
7 / 104 page ![]() MB91610 Series DS07-16907-2E 7 ■ PIN ASSIGNMENT (TOP VIEW) (FPT-120P-M21) * : N.C. pin for MB91613. Note : The number after the underscore (“_”) in pin names such as XXX_1 and XXX_2 indicates the port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. LQFP-120 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 VSS VCC ICS2* ICS1* ICS0* IBREAK* ICLK* TRST* AVRH AVSS AVCC P77/AN7/SCK0/TMI2 P76/AN6/SIN0/TMI1 P75/AN5/SOUT0/TMI0 P74/AN4/TMO2 P73/AN3/TMO1/OUT3_1 P72/AN2/TMO0/OUT2_1 P71/AN1/OUT1_1 P70/AN0/OUT0_1 INIT MD0 MD1 X0 X1 VSS PK0/X1A PK1/X0A HWDE VCC VSS VCC P30/SOUT10/INT8 P31/SIN10/INT9 P32/SCK10/INT10 P33/INT11 P34/SOUT11/INT12 P35/SIN11/INT13 P36/SCK11/INT14 P37/INT15 P50 P51 P52 P53 P54/RCIN P55/ADTRG P56/FRCK P57 VSS R0 R1 R2 R3 R4 G0 G1 G2 G3 G4 G5 VCC |