| データシートサーチシステム |
|
MB91F613 データシート(PDF) 29 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F613 データシート(HTML) 29 Page - fujitsu semiconductor |
|
29 / 104 page ![]() MB91610 Series DS07-16907-2E 29 ■ BLOCK DIAGRAM FR80 CPU RAM Crossbar switch Clock control Peripheral bus bridge OSDC DMAC 8 channels Clock generation Watch counter 32-bit free-run timer, 1 channel 32-bit input capture, 4 channels 32-bit output compare, 4 channels Multifunction serial interface, 4 channels Multifunction serial interface with FIFO, 4 channels Base timer, 8 channels A/D converter, 8 channels (1 unit) HDMI-CEC/ Remote control reception, 1 channel Watchdog timer Interrupt controller Delay interrupt External interrupt, 16 channels 16-bit reload timer, 3 channels Ports On-chip bus Step-down regulator USB clock generation USB function / HOST DSU4 Internal program memory Flash memory |