データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6V01-E/MD データシート(PDF) 26 Page - Microchip Technology

部品番号 MCP6V01-E/MD
部品情報  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V01-E/MD データシート(HTML) 26 Page - Microchip Technology

Back Button MCP6V01-E/MD Datasheet HTML 22Page - Microchip Technology MCP6V01-E/MD Datasheet HTML 23Page - Microchip Technology MCP6V01-E/MD Datasheet HTML 24Page - Microchip Technology MCP6V01-E/MD Datasheet HTML 25Page - Microchip Technology MCP6V01-E/MD Datasheet HTML 26Page - Microchip Technology MCP6V01-E/MD Datasheet HTML 27Page - Microchip Technology MCP6V01-E/MD Datasheet HTML 28Page - Microchip Technology MCP6V01-E/MD Datasheet HTML 29Page - Microchip Technology MCP6V01-E/MD Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
MCP6V01/2/3
DS22058C-page 26
© 2008 Microchip Technology Inc.
4.3.9
PCB DESIGN FOR DC PRECISION
In order to achieve DC precision on the order of ±1 µV,
many physical errors need to be minimized. The design
of the Printed Circuit Board (PCB), the wiring, and the
thermal environment has a strong impact on the
precision achieved. A poor PCB design can easily be
more than 100 times worse than the MCP6V01/2/3 op
amps minimum and maximum specifications.
4.3.9.1
Thermo-junctions
Any time two dissimilar metals are joined together, a
temperature dependent voltage appears across the
junction (the Seebeck or thermo-junction effect). This
effect is used in thermocouples to measure tempera-
ture. The following are examples of thermo-junctions
on a PCB:
• Components (resistors, op amps, …) soldered to
a copper pad
• Wires mechanically attached to the PCB
• Jumpers
•Solder joints
•PCB vias
Typical thermo-junctions have temperature to voltage
conversion coefficients of 10 to 100 µV/°C (sometimes
higher).
There are three basic approaches to minimizing
thermo-junction effects:
• Minimize thermal gradients
• Cancel thermo-junction voltages
• Minimize difference in thermal potential between
metals
4.3.9.2
Non-inverting and Inverting Amplifier
Layout for Thermo-junctions
Figure 4-11 shows the recommended non-inverting
and inverting gain amplifier circuits on one schematic.
Usually, to minimize the input bias current related off-
set, R1 is chosen to be R2||R3.
The guard traces (with ground vias at the ends) help
minimize the thermal gradients. The resistor layout
cancels the resistor thermal voltages, assuming the
temperature gradient is constant near the resistors:
EQUATION 4-2:
FIGURE 4-11:
PCB Layout and Schematic
for Single Non-inverting and Inverting Amplifiers.
Note:
Changing the orientation of the resistors
will usually cause a significant decrease in
the cancellation of the thermal voltages.
VOUT ≈ VPGP,VM =GND
≈ -VMGM,VP =GND
Where:
GM =R3/R2, inverting gain magnitude
GP =1 + GM, non-inverting gain
magnitude
VOS is neglected
VP
R3
VOUT
R1
R2
VM
U1
MCP6V01
U1
VM
VOUT
VP
R3
R2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com