データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6V02-E/MD データシート(PDF) 33 Page - Microchip Technology

部品番号 MCP6V02-E/MD
部品情報  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V02-E/MD データシート(HTML) 33 Page - Microchip Technology

Back Button MCP6V02-E/MD Datasheet HTML 29Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 30Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 31Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 32Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 33Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 34Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 35Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 36Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
© 2008 Microchip Technology Inc.
DS22058C-page 33
MCP6V01/2/3
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead SOIC (150 mil)
Example
:
XXXXXXXX
XXXXYYWW
NNN
MCP6VO1E
SN
0750
256
3
e
XXXXXX
8-Lead DFN (4x4) (MCP6V02)
XXXXXX
YYWW
NNN
Example
6V02
E/MD^^
0750
256
3
e
8-Lead TDFN (2x3) (MCP6V01, MCP6V03)
Example:
XXX
YWW
NN
AAA
838
25
Device
Code
MCP6V01
AAA
MCP6V03
AAB
Note: Applies to 8-Lead
2x3 TDFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44