| データシートサーチシステム |
|
MCP4728 データシート(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4728 データシート(HTML) 41 Page - Microchip Technology |
|
41 / 66 page ![]() © 2009 Microchip Technology Inc. DS22187C-page 41 MCP4728 FIGURE 5-10: Single Write Command: Write to a Single DAC Input Register and EEPROM. 2nd Byte C2 C1 C0 W1 W0 3rd Byte 4th Byte 0 1 0 1 1 DAC1 DAC0 UDAC AVREF PD1 PD0 Gx D11 D10 D9 D8 A D7D6D5D4D3D2D1D0 A P ACK (MCP4728) 1st byte DAC Input Register of Selected Channel R/W Device Addressing ACK (MCP4728) Start Single Write S 1 1 0 0 A2A1A0 0 A Command Command Type Bits: C2=0 C1=1 C0=0 W1=1 W0=1 Channel Select Note 1 and Note 2 Note 1: VOUT Update: If UDAC = 0 or LDAC Pin = 0: V OUT is updated after the 4th byte’s ACK is issued. 2: EEPROM Write: The MCP4728 device starts writing EEPROM at the falling edge of the 4th byte’s ACK pulse. Stop |