データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP4728 データシート(PDF) 59 Page - Microchip Technology

部品番号 MCP4728
部品情報  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 データシート(HTML) 59 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 55Page - Microchip Technology MCP4728 Datasheet HTML 56Page - Microchip Technology MCP4728 Datasheet HTML 57Page - Microchip Technology MCP4728 Datasheet HTML 58Page - Microchip Technology MCP4728 Datasheet HTML 59Page - Microchip Technology MCP4728 Datasheet HTML 60Page - Microchip Technology MCP4728 Datasheet HTML 61Page - Microchip Technology MCP4728 Datasheet HTML 62Page - Microchip Technology MCP4728 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22187C-page 59
MCP4728
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
10-Lead MSOP
XXXXXX
YWWNNN
Example
4728
906256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66