データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DD331 データシート(PDF) 7 Page - Silicon Touch Technology Inc.

部品番号 DD331
部品情報  4-Channel Flexible LED Pre-Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITI [Silicon Touch Technology Inc.]
ホームページ  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DD331 データシート(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button DD331 Datasheet HTML 3Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 4Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 5Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 6Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 7Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 8Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 9Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 10Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 11Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DD331
High CONSTANT CURRENT LED DRIVERS
Version:A.002
Page
6
Timing Diagram
ENG,ENR,ENB,ENW to GATER,GATEG,GATEB,GATEW
GATER
GATEG
GATEB
GATEW
ENG
ENR
ENB
ENW
50%
50%
tpLH
50%
50%
tpHL
twEN
Constant-Current Output
The constant-current value of each output channels is set by a N-type MOSFET and
an external resistor connected between the REXT(R, G, B, W) pin and GND individually.
Varying the resistor value can adjust the current. Notice that the output current is a little
increasing or decreasing until the device temperature and ambient temperature are
balance. Approximate output current value can be calculated by following equation:
Iout
5
10
20
40
80
160
220
M
883.1
967.2
990
10128
1044.6
1115.6
1478.8
Iout = 0.52 / Rext * M
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
Rext (Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com