データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DD331 データシート(PDF) 8 Page - Silicon Touch Technology Inc.

部品番号 DD331
部品情報  4-Channel Flexible LED Pre-Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITI [Silicon Touch Technology Inc.]
ホームページ  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DD331 データシート(HTML) 8 Page - Silicon Touch Technology Inc.

Back Button DD331 Datasheet HTML 3Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 4Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 5Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 6Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 7Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 8Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 9Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 10Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 11Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DD331
High CONSTANT CURRENT LED DRIVERS
Version:A.002
Page
7
Typical Application
DD331
Application Notice
Notice the Rext applies to lower than 5 Ω, the wire resistance(Rwire) will affect Iout a
lot. For example, when Rext=5Ω Iout= 104mA, if Rwire=1Ω, than Iout will decrease
1.96%. Due to large current flow through rext, it needs high power resistor to apply to
prevent element burn out issue.
Dissipation Ratings
PACKAGE
POWER DISSAPATION
( Tj_max=150
oC )
THERMAL RESISTANCE
( Rth(junction-to-air), Ta=25
oC )
SOP16
1.7 W
72.1 oC/W
SSOP16
1.5 W
82 oC/W
Power Dissipation
Notice that the power dissipation of a semiconductor chip is limited to its package and
ambient temperature, in which the device requires the maximum output current calculated
for given operating conditions. The maximum allowable power consumption can be
calculated by the following equation:
Tj(junction temperature)(max)( C) - Ta(ambient temperature)( C)
Pd(max)(Watt) =
Rth(junction- to- air thermal resistance)( C/Watt)
°°
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com