| データシートサーチシステム |
|
PCF2119DU/2/2 データシート(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119DU/2/2 データシート(HTML) 49 Page - NXP Semiconductors |
|
49 / 79 page ![]() PCF2119X_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 13 August 2009 49 of 79 NXP Semiconductors PCF2119x LCD controllers/drivers 15. Dynamic characteristics Table 36. Dynamic characteristics VDD1 = 1.5 V to 5.5 V; VDD2 =VDD3 = 2.2 V to 4.0 V; VSS =0V; VLCD = 2.2 V to 6.5 V; Tamb = −40 °C to +85 °C; unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit Clock and oscillator ffr(LCD) LCD frame frequency internal clock; VDD = 5.0 V 45 95 147 Hz fosc oscillator frequency not available at any pin 140 250 450 kHz fosc(ext) external oscillator frequency 140 - 450 kHz td(startup)(OSC) start-up delay time on pin OSC oscillator, after power-down [1] - 200 300 µs Timing characteristics of parallel interface[2] Write operation (writing data from microcontroller to PCF2119x); see Figure 34 tcy(en) enable cycle time 500 - - ns tw(en) enable pulse width 220 - - ns tsu(A) address set-up time 50 - - ns th(A) address hold time 25 - - ns tsu(D) data input set-up time 60 - - ns th(D) data input hold time 25 - - ns Read operation (reading data from PCF2119x to microcontroller); see Figure 35 tcy(en) enable cycle time 500 - - ns tw(en) enable pulse width 220 - - ns tsu(A) address set-up time 50 - - ns th(A) address hold time 25 - - ns td(DV) data input valid delay time VDD1 > 2.2 V - - 150 ns VDD1 > 1.5 V - - 250 ns th(D) data input hold time 20 - 100 ns Timing characteristics of I2C-bus interface[2]; see Figure 36 fSCL SCL clock frequency - - 400 kHz tLOW LOW period of the SCL clock 1.3 - - µs tHIGH HIGH period of the SCL clock 0.6 - - µs tSU;DAT data set-up time 100 - - ns tHD;DAT data hold time 0 - - ns tr rise time of both SDA and SCL signals [1][3] 15 + 0.1 Cb - 300 ns tf fall time of both SDA and SCL signals [1][3] 15 + 0.1 Cb - 300 ns Cb capacitive load for each bus line - - 400 pF tSU;STA set-up time for a repeated START condition 0.6 - - µs tHD;STA hold time (repeated) START condition 0.6 - - µs |