| データシートサーチシステム |
|
PCF2119DU/2/2 データシート(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119DU/2/2 データシート(HTML) 5 Page - NXP Semiconductors |
|
5 / 79 page ![]() PCF2119X_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 13 August 2009 5 of 79 NXP Semiconductors PCF2119x LCD controllers/drivers 7.2 Pin description Table 3. Pin description Symbol Pin Description VDD1 1 to 6 supply voltage 1 (logic) VDD2 7 to 14 [1] supply voltage 2 (for high voltage generator) VDD3 15 to 18 [1] supply voltage 3 (for high voltage generator) E19 [2] data bus clock input • set HIGH to signal the start of a read or write operation • data is clocked in or out of the chip on the negative edge of the clock T1 and T2 20 and 21 test pins • must be connected to VSS1 VSS1 22 to 29 [3] ground supply voltage 1 • for all circuits, except of high voltage generator VSS2 30 to 35 [3] ground supply voltage 2 • for high voltage generator VLCDSENSE 36 input for voltage multiplier regulation circuitry and for the bias level generation • if VLCD is generated internally then this pin must be connected to VLCDOUT and VLCDIN • if VLCD is generated externally then this pin must be connected to VLCDIN only VLCDOUT 37 to 43 VLCD output • if VLCD is generated internally then this pin must be connected to VLCDIN and to VLCDSENSE • if VLCD is generated externally then this pin must be left open-circuit VLCDIN 44 to 49 input for LCD bias level generator dummy 50 [4] - R8 to R1, R17, R17DUP, R18, R9 to R16 51 to 58, 59, 100 141, 142 to 149 LCD row driver output • R17 has two pins: R17 and R17DUP • R17 and R18 drive the icons C80 to C41, C40 to C1 60 to 99, 101 to 140 LCD column driver output dummy 150 [4] - SCL 151 and 152 [5] I2C-bus serial clock input T3 153 test pin • open-circuit • not user accessible POR 154 external Power-On Reset (POR) input PD 155 power-down mode select • for normal operation pin PD must be LOW SDA 156 and 157 [5] I2C-bus serial data input/output |