データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8377ECVRALGA データシート(PDF) 90 Page - Freescale Semiconductor, Inc

部品番号 MPC8377ECVRALGA
部品情報  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRALGA データシート(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRALGA Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
90
Freescale Semiconductor
Package and Pin Listings
MDQ8
D7
I/O
GVDD
11
MDQ9
E8
I/O
GVDD
11
MDQ10
B1
I/O
GVDD
11
MDQ11
D5
I/O
GVDD
11
MDQ12
B3
I/O
GVDD
11
MDQ13
D6
I/O
GVDD
11
MDQ14
C3
I/O
GVDD
11
MDQ15
C2
I/O
GVDD
11
MDQ16
D4
I/O
GVDD
11
MDQ17
E6
I/O
GVDD
11
MDQ18
F6
I/O
GVDD
11
MDQ19
G4
I/O
GVDD
11
MDQ20
F8
I/O
GVDD
11
MDQ21
E4
I/O
GVDD
11
MDQ22
C1
I/O
GVDD
11
MDQ23
G6
I/O
GVDD
11
MDQ24
F2
I/O
GVDD
11
MDQ25
G5
I/O
GVDD
11
MDQ26
H6
I/O
GVDD
11
MDQ27
H4
I/O
GVDD
11
MDQ28
D1
I/O
GVDD
11
MDQ29
G3
I/O
GVDD
11
MDQ30
H5
I/O
GVDD
11
MDQ31
F1
I/O
GVDD
11
MDQ32
W6
I/O
GVDD
11
MDQ33
AC1
I/O
GVDD
11
MDQ34
AC3
I/O
GVDD
11
MDQ35
AE1
I/O
GVDD
11
MDQ36
V6
I/O
GVDD
11
MDQ37
Y5
I/O
GVDD
11
MDQ38
AA4
I/O
GVDD
11
MDQ39
AB6
I/O
GVDD
11
MDQ40
AD3
I/O
GVDD
11
Table 71. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More