| データシートサーチシステム |
|
MPC8378ECVRAGDA データシート(PDF) 36 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8378ECVRAGDA データシート(HTML) 36 Page - Freescale Semiconductor, Inc |
|
36 / 126 page ![]() MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 36 Freescale Semiconductor Ethernet: Enhanced Three-Speed Ethernet (eTSEC) Figure 18 shows the RMII receive AC timing diagram. Figure 18. RMII Receive AC Timing Diagram 8.4 Management Interface Electrical Characteristics The electrical characteristics specified here apply to MII management interface signals MDIO (management data input/output) and MDC (management data clock). Figure 19 provides the AC test load for eTSEC. Figure 19. eTSEC AC Test Load 8.4.1 MII Management DC Electrical Characteristics The MDC and MDIO are defined to operate at a supply voltage of 2.5 V or 3.3 V. The DC electrical characteristics for MDIO and MDC are provided in Table 35 and Table 36. Table 35. MII Management DC Electrical Characteristics When Powered at 2.5 V Parameter Conditions Symbol Min Max Unit Supply voltage (2.5 V) — LVDD1 2.37 2.63 V Output high voltage IOH = –1.0 mA LVDD1 = Min VOH 2.00 LVDD1 + 0.3 V Output low voltage IOL = 1.0 mA LVDD1 = Min VOL GND – 0.3 0.40 V Input high voltage — LVDD1 = Min VIH 1.7 — V Input low voltage — LVDD1 = Min VIL –0.3 0.70 V Input high current VIN = LVDD1 IIH —20 μA Input low current VIN = LVDD1 IIL –15 — μA REF_CLK RXD[1:0] tRMRDX tRMR tRMRH tRMRR tRMRF CRS_DV RX_ER tRMRDV Valid Data Output Z0 = 50 Ω LVDD/2 RL = 50 Ω |