| データシートサーチシステム |
|
MPC8378ECVRAGDA データシート(PDF) 51 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8378ECVRAGDA データシート(HTML) 51 Page - Freescale Semiconductor, Inc |
|
51 / 126 page ![]() MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 Freescale Semiconductor 51 Enhanced Secure Digital Host Controller (eSDHC) 11.2.1 Full-Speed Output Path (Write) Figure 31 provides the data and command output timing diagram. Figure 31. Full Speed Output Path 11.2.1.1 Full-Speed Write Meeting Setup (Maximum Delay) The following equations show how to calculate the allowed skew range between the SD_CLK and SD_DAT/CMD signals on the PCB. No clock delay: tSFSKHOV + tDATA_DELAY + tISU < tSFSCKL With clock delay: tSFSKHOV + tDATA_DELAY + tISU < tSFSCKL + tCLK_DELAY tDATA_DELAY + tSFSCKL < tSFSCK + tCLK_DELAY – tISU – tSFSKHOV This means that data can be delayed versus clock up to 11 ns in ideal case of tSFSCKL =20 ns: tDATA_DELAY + 20 < 40 + tCLK_DELAY – 5 – 4 tDATA_DELAY < 11 + tCLK_DELAY 11.2.1.2 Full-Speed Write Meeting Hold (Minimum Delay) The following equations show how to calculate the allowed skew range between the SD_CLK and SD_DAT/CMD signals on the PCB. tCLK_DELAY < tSFSCKL + tSFSKHOX + tDATA_DELAY – tIH tCLK_DELAY + tIH – tSFSKHOX < tSFSCKL+ tDATA_DELAY Input at the MPC8378E Pins SD CLK at the MPC8378E Pin Output Valid Time: tSFSKHOV Output Hold Time: tSFSKHOX tIH (5 ns) tCLK_DELAY SD CLK at Driving Edge Sampling Edge the Card Pin tISU (5 ns) tDATA_DELAY tSFSCKL tSFSCK (Clock Cycle) Output from the MPC8378E Pins |