| データシートサーチシステム |
|
MPC8378ECVRAGDA データシート(PDF) 106 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8378ECVRAGDA データシート(HTML) 106 Page - Freescale Semiconductor, Inc |
|
106 / 126 page ![]() MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 106 Freescale Semiconductor Clocking 22 Clocking Figure 67 shows the internal distribution of clocks within the MPC8378E. Figure 67. MPC8378E Clock Subsystem The primary clock source for the device can be one of two inputs, CLKIN or PCI_CLK, depending on whether the device is configured in PCI host or PCI agent mode. When the device is configured as a PCI host device, CLKIN is its primary input clock. CLKIN feeds the PCI clock divider ( ÷2) and the multiplexors for PCI_SYNC_OUT and PCI_CLK_OUT. The CFG_CLKIN_DIV configuration input selects whether CLKIN or CLKIN/2 is driven out on the PCI_SYNC_OUT signal. The OCCR[PCICOEn] parameters select whether CFG_CLKIN_DIV is driven out on the PCI_CLK_OUTn signals. PCI_SYNC_OUT is connected externally to PCI_SYNC_IN to allow the internal clock subsystem to synchronize to the system PCI clocks. PCI_SYNC_OUT must be connected properly to PCI_SYNC_IN, with equal delay to all PCI agent devices in the system, to allow the device to function. When the device is configured as a PCI agent device, PCI_CLK is the primary input clock. When the device is configured as a PCI agent device the CLKIN signal should be tied to GND. Core PLL System PLL DDR LBIU LSYNC_IN LSYNC_OUT LCLK[0:2] MCK[0:5] MCK[0:5] core_clk e300 core csb_clk to rest CLKIN csb_clk 6 6 DDR Memory Local Bus PCI_CLK[0:4] PCI_SYNC_OUT PCI_CLK/ Clock Unit of the device ddr_clk lbiu_clk CFG_CLKIN_DIV PCI Clock PCI_SYNC_IN Device Memory Device /n to local bus memory controller to DDR memory controller DLL Clock Div /2 Divider 5 |