| データシートサーチシステム |
|
MIC3003GMLTR データシート(PDF) 18 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC3003GMLTR データシート(HTML) 18 Page - Micrel Semiconductor |
|
18 / 75 page ![]() Micrel, Inc. MIC3003 November 2009 18 M9999-111209-C hbwhelp@micrel.com or (408) 955-1690 Block Diagram Figure 1. MIC3003 Block Diagram Analog-to-Digital Converter/Signal Monitoring A block diagram of the monitoring circuit is shown below. Each of the five analog parameters monitored by the MIC3003 is sampled in sequence. All five parameters are sampled and the results updated within the tCONV duration given in the “Electrical Characteristics” section. In OEM mode, the channel that is normally used to measure VIN may be assigned to measure the level of the VDDA pin or one of five other nodes. This provides a kind of analog loopback for debug and test purposes. The VAUX bits in OEMCFG0 control which voltage source is being sampled. The various VAUX channels are level-shifted differently depending on the signal source, resulting in different LSB values and signal ranges. See Table 5. Figure 2. Analog-to-Digital Converter Block Diagram |