| データシートサーチシステム |
|
MIC3003GMLTR データシート(PDF) 33 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC3003GMLTR データシート(HTML) 33 Page - Micrel Semiconductor |
|
33 / 75 page ![]() Micrel, Inc. MIC3003 November 2009 33 M9999-111209-C hbwhelp@micrel.com or (408) 955-1690 Event Condition MIC3003 Response Temperature high alarm TEMP > TMAX Set ALARM0[7] Temperature low alarm TEMP < TMIN Set ALARM0[6] Voltage high alarm VIN > VMAX Set ALARM0[5] Voltage low alarm VIN < VMIN Set ALARM0[4] TX bias high alarm IBIAS > IBMAX Set ALARM0[3] TX bias low alarm IBIAS < IBMIN Set ALARM0[2] TX power high alarm TXOP > TXMAX Set ALARM0[1] TX power low alarm TXOP < TXMIN Set ALARM0[0] RX power high alarm RXOP > RXMAX Set ALARM1[7] RX power low alarm RXOP < RXMIN Set ALARM1[6] Temperature high warning TEMP > THIGH Set WARN0[7] Temperature low warning TEMP < TLOW Set WARN0[6] Voltage high warning VIN > VHIGH Set WARN0[5] Voltage low warning VIN < VLOW Set WARN0[4] TX bias high warning IBIAS > IBHIGH Set WARN0[3] TX bias low warning IBIAS < IBLOW Set WARN0[2] TX power high warning TXOP > TXHIGH Set WARN0[1] TX power low warning TXOP < TXLOW Set WARN0[0] RX power high warning RXOP > RXHIGH Set WARN1[7] RX power low warning RXOP < RXLOW Set WARN1[6] Table 21. MIC3003 Alarm and Warning Events Figure 13. Control and Status I/O Logic |