| データシートサーチシステム |
|
56F8366 データシート(PDF) 55 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8366 データシート(HTML) 55 Page - Freescale Semiconductor, Inc |
|
55 / 182 page ![]() Peripheral Memory Mapped Registers 56F8366 Technical Data, Rev. 7 Freescale Semiconductor 55 Preliminary TMRB1_CMPLD2 $19 Comparator Load Register 2 TMRB1_COMSCR $1A Comparator Status and Control Register Reserved TMRB2_CMP1 $20 Compare Register 1 TMRB2_CMP2 $21 Compare Register 2 TMRB2_CAP $22 Capture Register TMRB2_LOAD $23 Load Register TMRB2_HOLD $24 Hold Register TMRB2_CNTR $25 Counter Register TMRB2_CTRL $26 Control Register TMRB2_SCR $27 Status and Control Register TMRB2_CMPLD1 $28 Comparator Load Register 1 TMRB2_CMPLD2 $29 Comparator Load Register 2 TMRB2_COMSCR $2A Comparator Status and Control Register Reserved TMRB3_CMP1 $30 Compare Register 1 TMRB3_CMP2 $31 Compare Register 2 TMRB3_CAP $32 Capture Register TMRB3_LOAD $33 Load Register TMRB3_HOLD $34 Hold Register TMRB3_CNTR $35 Counter Register TMRB3_CTRL $36 Control Register TMRB3_SCR $37 Status and Control Register TMRB3_CMPLD1 $38 Comparator Load Register 1 TMRB3_CMPLD2 $39 Comparator Load Register 2 TMRB3_COMSCR $3A Comparator Status and Control Register Table 4-12 Quad Timer B Registers Address Map (Continued) (TMRB_BASE = $00 F080) Quad Timer B is NOT available in the 56F8166 device Register Acronym Address Offset Register Description |