| データシートサーチシステム |
|
56F8366 データシート(PDF) 68 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8366 データシート(HTML) 68 Page - Freescale Semiconductor, Inc |
|
68 / 182 page ![]() 56F8366 Technical Data, Rev. 7 68 Freescale Semiconductor Preliminary Table 4-29 GPIOA Registers Address Map (GPIOA_BASE = $00 F2E0) Register Acronym Address Offset Register Description Reset Value GPIOA_PUR $0 Pull-up Enable Register 0 x 3FFF GPIOA_DR $1 Data Register 0 x 0000 GPIOA_DDR $2 Data Direction Register 0 x 0000 GPIOA_PER $3 Peripheral Enable Register 0 x 3FFF GPIOA_IAR $4 Interrupt Assert Register 0 x 0000 GPIOA_IENR $5 Interrupt Enable Register 0 x 0000 GPIOA_IPOLR $6 Interrupt Polarity Register 0 x 0000 GPIOA_IPR $7 Interrupt Pending Register 0 x 0000 GPIOA_IESR $8 Interrupt Edge-Sensitive Register 0 x 0000 GPIOA_PPMODE $9 Push-Pull Mode Register 0 x 3FFF GPIOA_RAWDATA $A Raw Data Input Register — Table 4-30 GPIOB Registers Address Map (GPIOB_BASE = $00 F300) Register Acronym Address Offset Register Description Reset Value GPIOB_PUR $0 Pull-up Enable Register 0 x 00FF GPIOB_DR $1 Data Register 0 x 0000 GPIOB_DDR $2 Data Direction Register 0 x 0000 GPIOB_PER $3 Peripheral Enable Register 0 x 000F for 20-bit EMI address at reset. 0 x 0000 for all other cases. See Table 4-4 for details. GPIOB_IAR $4 Interrupt Assert Register 0 x 0000 GPIOB_IENR $5 Interrupt Enable Register 0 x 0000 GPIOB_IPOLR $6 Interrupt Polarity Register 0 x 0000 GPIOB_IPR $7 Interrupt Pending Register 0 x 0000 GPIOB_IESR $8 Interrupt Edge-Sensitive Register 0 x 0000 GPIOB_PPMODE $9 Push-Pull Mode Register 0 x 00FF GPIOB_RAWDATA $A Raw Data Input Register — |