データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24V10 データシート(PDF) 13 Page - Ramtron International Corporation

部品番号 FM24V10
部品情報  1Mb Serial 3V F-RAM Memory
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24V10 データシート(HTML) 13 Page - Ramtron International Corporation

Back Button FM24V10 Datasheet HTML 7Page - Ramtron International Corporation FM24V10 Datasheet HTML 8Page - Ramtron International Corporation FM24V10 Datasheet HTML 9Page - Ramtron International Corporation FM24V10 Datasheet HTML 10Page - Ramtron International Corporation FM24V10 Datasheet HTML 11Page - Ramtron International Corporation FM24V10 Datasheet HTML 12Page - Ramtron International Corporation FM24V10 Datasheet HTML 13Page - Ramtron International Corporation FM24V10 Datasheet HTML 14Page - Ramtron International Corporation FM24V10 Datasheet HTML 15Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
FM24V10 - 1Mb I2C FRAM
Rev. 1.1
Feb. 2009
Page 13 of 15
AC Test Conditions
Equivalent AC Test Load Circuit
Input Pulse Levels
0.1 VDD to 0.9 VDD
Input rise and fall times
10 ns
Input and output timing levels
0.5 VDD
Diagram Notes
All start and stop timing parameters apply to both read and write cycles.
Clock specifications are identical for read and write cycles. Write timing
parameters apply to slave address, word address, and write data bits.
Functional relationships are illustrated in the relevant datasheet sections.
These diagrams illustrate the timing parameters only.
Read Bus Timing
t
SU:SDA
Start
t
R
`
t
F
Stop Start
t
BUF
t
HIGH
1/fSCL
t
LOW
t
SP
t
SP
Acknowledge
t
HD:DAT
t
SU:DAT
t
AA
t
DH
SCL
SDA
Write Bus Timing
t
SU:STO
Start
Stop Start
Acknowledge
t
AA
t
HD:DAT
t
HD:STA
t
SU:DAT
SCL
SDA
Power Cycle Timing
Data Retention (TA = -40° C to +85° C)
Parameter
Min
Max
Units
Notes
Data Retention
10
-
Years
3.6V
Output
1.8 Kohm
100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com