データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CPC7591MATR データシート(PDF) 15 Page - Clare, Inc.

部品番号 CPC7591MATR
部品情報  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARE [Clare, Inc.]
ホームページ  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7591MATR データシート(HTML) 15 Page - Clare, Inc.

Back Button CPC7591MATR Datasheet HTML 11Page - Clare, Inc. CPC7591MATR Datasheet HTML 12Page - Clare, Inc. CPC7591MATR Datasheet HTML 13Page - Clare, Inc. CPC7591MATR Datasheet HTML 14Page - Clare, Inc. CPC7591MATR Datasheet HTML 15Page - Clare, Inc. CPC7591MATR Datasheet HTML 16Page - Clare, Inc. CPC7591MATR Datasheet HTML 17Page - Clare, Inc. CPC7591MATR Datasheet HTML 18Page - Clare, Inc. CPC7591MATR Datasheet HTML 19Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
CPC7591
R05
www.clare.com
15
2.11 External Protection Elements
The CPC7591 requires only over voltage secondary
protection on the loop side of the device. The
integrated protection feature described above negates
the need for additional external protection on the SLIC
side. The secondary protector must limit voltage
transients to levels that do not exceed the breakdown
voltage or input-output isolation barrier of the
CPC7591. A foldback or crowbar type protector is
recommended to minimize stresses on the CPC7591.
Consult Clare’s application note, AN-100, “Designing
Surge and Power Fault Protection Circuits for Solid
State Subscriber Line Interfaces” for equations related
to the specifications of external secondary protectors,
fused resistors and PTCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19