| データシートサーチシステム |
|
LSM320HAY30TR データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM320HAY30TR データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 42 page ![]() Mechanical and electrical specifications LSM320HAY30 12/42 Doc ID 16917 Rev 1 AR_VST Angular rate self-test input Logic 0 level 0 0.2*Vdd V Logic 1 level 0.8*Vdd Vdd AR_VPD Angular rate power-down input Logic 0 level 0 0.2*Vdd V Logic 1 level 0.8*Vdd Vdd LA_VIH Linear acceleration digital high level input voltage 0.8*Vdd_IO V LA_VIL Linear acceleration digital low level input voltage 0.2*Vdd_IO V LA_VOH Linear acceleration high level output voltage 0.9*Vdd_IO V LA_VOL Linear acceleration low level output voltage 0.1*Vdd_IO V LA_ODR Linear acceleration output data rate in normal mode DR bit set to 00 50 Hz DR bit set to 01 100 DR bit set to 10 400 DR bit set to 11 1000 LA_ODRLP Linear acceleration output data rate in low-power mode PM bit set to 010 0.5 Hz PM bit set to 011 1 PM bit set to 100 2 PM bit set to 101 5 PM bit set to 110 10 LA_Ton Linear acceleration turn-on time(3) ODR = 100 Hz 1/ODR+1 ms s AR_Ton Angular rate turn-on time(4) 200 ms Top Operating temperature range -40 +85 °C 1. Typical specifications are not guaranteed 2. It is possible to remove Vdd, maintaining Vdd_IO without blocking the communication buses. In this condition the measurement chain is powered off. 3. Time to obtain valid data after exiting power-down mode 4. Time to obtain valid data after exiting power-down mode Table 3. Electrical characteristics (continued) Symbol Parameter Test condition Min. Typ.(1) Max. Unit |