| データシートサーチシステム |
|
LSM320HAY30TR データシート(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM320HAY30TR データシート(HTML) 17 Page - STMicroelectronics |
|
17 / 42 page ![]() LSM320HAY30 Application hints Doc ID 16917 Rev 1 17/42 5 Application hints Figure 3. LSM320HAY30 electrical connections Table 6. External component values Component type Component Value Capacitor C1 4.7 µF C2 2.2 nF to 2.2 µF C3 470 nF C4 10 nF C5 100 nF C6 10 µF Resistor R1 1 M Ω R2 33 k Ω R3 10 k Ω Digital signal from/to signal controller.Signal’s levels are defined by proper selection of Vdd_IO Y 1 X Z DIRECTION OF DETECTABLE ACCELERATIONS DIRECTION OF DETECTABLE ANGULAR RATE FILTVDD FILTIN Y (TOP VIEW) 24 1 RES GND LSM320HAY30 GND 28 10 15 11 14 25 VDD RES RES RES GND GND 4xIN X OUT X Recommended Low-pass filter Optional High-pass filter Vref GND C1 R1 C2 R2 R3 C3 C4 Vref GND C1 R1 C2 R2 OUT Z 4xIN Z Vdd_IO Vdd C6 C5 Y 1 X Z +Ω x +Ω z Optional High-pass filter Recommended Low-pass filter AM06041v1 |