データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9393/PCBZ データシート(PDF) 30 Page - Analog Devices

部品番号 AD9393/PCBZ
部品情報  Low Power HDMI Display Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9393/PCBZ データシート(HTML) 30 Page - Analog Devices

Back Button AD9393/PCBZ Datasheet HTML 26Page - Analog Devices AD9393/PCBZ Datasheet HTML 27Page - Analog Devices AD9393/PCBZ Datasheet HTML 28Page - Analog Devices AD9393/PCBZ Datasheet HTML 29Page - Analog Devices AD9393/PCBZ Datasheet HTML 30Page - Analog Devices AD9393/PCBZ Datasheet HTML 31Page - Analog Devices AD9393/PCBZ Datasheet HTML 32Page - Analog Devices AD9393/PCBZ Datasheet HTML 33Page - Analog Devices AD9393/PCBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
AD9393
Rev. 0 | Page 30 of 40
0xC8—Bit[6], ISRC1 Valid
This bit is an indication of whether the ISRC1 packet bytes are
valid. 0 = ISRC1 status bits and PBs not valid. 1 = ISRC1 status
bits and PBs valid.
0xC8—[2:0], ISRC Status
These bits define where in the ISRC track the samples are. At
least two transmissions of 001 occur at the beginning of the
track, while continuous transmission of 010 occurs in the
middle of the track, followed by at least two transmissions of
100 near the end of the track.
0xCF—Bits[6:0], New Data Flags
See the 0x87—Bits[6:0], New Data Flags (NDF) section for a
description.
0xD7—Bits[6:0], New Data Flags
See the 0x87—Bits[6:0], New Data Flags (NDF) section for a
description.
0xDC—Bits[7:0], ISRC2 Packet Byte 0 (ISRC2_PB0)
This is transmitted only when the ISRC continued bit
(Register 0xC8 Bit 7) is set to 1.
0xDF—Bits[6:0], New Data Flags
See the 0x87—Bits[6:0], New Data Flags (NDF) section for a
description.
0xE7—Bits[6:0], New Data Flags
See the 0x87—Bits[6:0], New Data Flags (NDF) section for a
description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40