データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N8201A データシート(PDF) 7 Page - Agilent(Hewlett-Packard)

部品番号 N8201A
部品情報  Synthetic Instrument Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N8201A データシート(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button N8201A Datasheet HTML 3Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 4Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 5Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 6Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 7Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 8Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 9Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 10Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
Gain compression1
1 dB gain compression point (two-tone)2
RF input frequency
Maximum power at mixer3
Nominal power at mixer
Preamp off
20 to 200 MHz
0 dBm
+3 dBm
200 MHz to 3.0 GHz
+3 dBm
+7 dBm
3.0 to 6.6 GHz
+3 dBm
+4 dBm
6.6 to 26.5 GHz
–2 dBm
0 dBm
Preselector bypassed (Option 123)
3.045 to 26.5 GHz
+8 dBm
Preamp on (Option 1DS)
Nominal power at preamp
10 to 200 MHz
–30 dBm
200 MHz to 3 GHz
–25 dBm
Preamp on (Option 110)
10 to 200 MHz
–24 dBm
200 MHz to 3 GHz
–20 dBm
3.0 to 6.6 GHz
–23 dBm
6.6 to 26.5 GHz
–27 dBm
Gain compression (two-tone) (typical)2
RF input frequency
Mixer level3
Compression
20 to 200 MHz
0 dBm
< 0.5 dB
200 MHz to 6.6 GHz
+3 dBm
< 0.5 dB
6.6 to 26.5 GHz
–2 dBm
< 0.4 dB
Noise figure
(Input terminated, 0 dB input attenuation)
Frequency
Noise figure
Noise figure
Input referred noise density4
(typical)
(typical)
Preamp off
(Option 110 not installed)
10 to 100 kHz
38 dB
34 dB
–139 (dBm/Hz)
100 kHz to 1 MHz
30 dB
26 dB
–147 (dBm/Hz)
1 to 10 MHz
25 dB
22 dB
–151 (dBm/Hz)
10 MHz to 1.2 GHz
22 dB
20 dB
–153 (dBm/Hz)
1.2 to 2.1 GHz
23 dB
21 dB
–152 (dBm/Hz)
2.1 to 6.6 GHz
24 dB
22 dB
–151 (dBm/Hz)
6.6 to 13.2 GHz
26 dB
21 dB
–152 (dBm/Hz)
13.2 to 20 GHz
29 dB
26 dB
–147 (dBm/Hz)
20 to 26.5 GHz
33 dB
30 dB
–143 (dBm/Hz)
1. Gain compression is described by a level/compression pair where for every mixer level there is a different amount of compression. The first table labeled
“1 dB compression point” indicates the signal level where you will see 1 dB of compression, where as the second table indicates the amount of compression
to expect at a given signal level.
2. Large signals, even at frequencies not within the IF bandwidth, can cause in-band signals to be compressed because of two-tone gain compression.
This specification tells how large an interfering signal must be in order to cause a 1 dB change in an in-band signal.
3. Mixer power level (dBm) = input power (dBm) – input attenuation (dB).
4. Input referred noise density (dBm/Hz) = thermal noise at +55 °C (dBm) + noise figure of the downconverter (dB). The noise measured at the IF output’s of
the downconverter will be higher due to the Conversion gain, the measurable noise density is not diminished due to this gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com