データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N8201A データシート(PDF) 18 Page - Agilent(Hewlett-Packard)

部品番号 N8201A
部品情報  Synthetic Instrument Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N8201A データシート(HTML) 18 Page - Agilent(Hewlett-Packard)

Back Button N8201A Datasheet HTML 13Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 14Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 15Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 16Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 17Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 18Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 19Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 20Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 21Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
Front panel connectors (continued)
Ext mixer IF in (continued)
Mixer bias current
Range
±10 mA
Resolution
0.01 mA
Accuracy
±0.02 mA (nominal)
Output impedance
477 Ω (nominal)
Mixer bias voltage
Range
±3.7 V (measured in an open circuit)
Ext mixer 1st LO out
Connector
SMA female
Impedance
50 Ω (nominal)
Frequency range
3.05 to 6.89 GHz
VSWR
< 2.0:1 (nominal)
Power output
20 to 30 °C
0 to 55 °C
3.05 to 6.0 GHz
+14.5 to +18.5 dBm
+14.5 to +19.0 dBm
6.0 to 6.89 GHz
+13.5 to +18.5 dBm
+13.5 to +19.0 dBm
Coherent carriers 3.6 GHz 2nd LO out
Connector type
SMA female
Impedance
50 Ω (nominal)
Power output
+3 dBm
Frequency
3.6 GHz
Coherent carriers 3 to 7 GHz 1st LO in
Connector type
SMA female
Impedance
50 Ω (nominal)
Input power
+15 dBm
Coherent carriers 3.6 GHz 2nd LO in
Connector type
SMA female
Impedance
50 O (nominal)
Input power
+3 dBm
Coherent carriers 3 to 7 GHz 1st LO out
Connector type
SMA female
Impedance
50 O (nominal)
Power output
+15 dBm
Frequency
3.05 to 6.89 GHz
VGA out
Connector
VGA compatible, 15-pin mini D-SUB
Format
VGA (31.5 kHz horizontal, 60 Hz vertical sync rates, non-interlaced) Analog RGB
Resolution
640 x 480
Noise source +28 V (pulsed) (Option 219)
Connector
BNC female
Output voltage
On 28.0 +/- 0.1 V (60 mA maximum)
Off < 1 V
IF log video (Option V7L)
321.4 MHz in
Connector
SMB male
Impedance
50 Ω (nominal)
Video out
Connector
SMB male
Impedance
50 Ω (nominal)
Maximum input power
+10 dBm
Rear panel connectors
LXI trigger bus in
Connector type
25-pin subminiature female connector
LXI trigger bus out
Connector type
25-pin subminiature female connector
LAN (10/100Base-T)
Connector type
RJ45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com