| データシートサーチシステム |
|
ST7625 データシート(PDF) 21 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7625 データシート(HTML) 21 Page - Sitronix Technology Co., Ltd. |
|
21 / 160 page ![]() ST7625 Ver 1.6 21/160 2008/07 7.1.3 8-bit and 9-bit Serial Interface The 8-bit serial interface uses four pins /CS, SI, SCL, and A0 to enter commands and data. Meanwhile, the 9-bit serial interface uses three pins /CS, SI and SCL for the same purpose. Data read is not available in the serial interface. Data entered must be 8 bits for each time. The relation between gray-scale data and data bus in the serial input is the same as that in the 8-bit parallel interface mode at every gradation. (1) 8-bit serial interface (4-line) When entering data (parameters): A0= HIGH at the rising edge of the 8 th SCL. When entering command: A0= LOW at the rising edge of the 8 th SCL When entering reading command: |