| データシートサーチシステム |
|
RB0914101KL データシート(PDF) 3 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
RB0914101KL データシート(HTML) 3 Page - ABC Taiwan Electronics Corp |
|
3 / 5 page ![]() AE-001A FEED HOLE TO OVERALL COMPONENT HEIGHT CENTER OF COMPONENT LOCATION OVERALL TAPED PACKAGE THICKNESS FEED HOLE TO BOTTOM OF COMPONENT TAPE WIDTH ADHESIVE TAPE WIDTH ADHESIVE TAPE POSITION FEED HOLE PITCH LEAD LOCATION FEED HOLE LOCATION W3 W1 W2 18.00 15.00 4.00 P1 3.85 T W0 P2 1.42 9.00 6.35 H2 P H1 32.50 12.70 18.50 0.598 0.157 0.709 ±0.50 MAX. ±0.50 MAX. ±0.020 ±0.020 0.728 0.500 1.280 0.250 0.354 0.056 0.152 ±0.70 ±1.30 MAX. ±0.50 ±0.30 ±0.80 MAX. ±0.028 MAX. ±0.020 ±0.051 MAX. ±0.012 ±0.040 MILIMETER ABC'S ITEM NO. ABC'S DWG NO. SPECIFICATION FOR APPROVAL P2 TAPE FEED HOLE DIAMETER FRONT-TO-REAR DEFLECTION P P1 COMPONENT LEAD PITCH ITEM SIZE F H D 5.00 2.00 4.00 SYMBOL F D 101 Ⅵ﹒ TAPED PACKAGE DIMENSIONS: RADIAL INDUCTOR PROD. NAME REF : 101 W2 0.157 0.079 0.200 SIZE SPECIFICATION 500 PCS / REEL ※ TOLERANCE ±0.20 ±0.50 MAX. TOLERANCE MAX. ±0.020 ±0.008 INCH T W1 W3 PAGE: 3 H RB0914□□□□L□-□□□ |