| データシートサーチシステム |
|
RB0914101KL データシート(PDF) 5 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
RB0914101KL データシート(HTML) 5 Page - ABC Taiwan Electronics Corp |
|
5 / 5 page ![]() RB0914□□□□L□-□□□ E174837 committed to quality service A not-for-profit organization OBMW2⁄E174837 dedicated to public safety and September 8 , 2000 LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- MW79-C ___ ____ ____ Polyurethane 155 LSFFW AE-001A Page 2 of 2 For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. See General Information Preceding These Recognitions 287806002 Coat Typ Page 1 of 2 fies base coated magnet wire twisted together and covered with top coat overall. @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. Mark ____ ____ ____ ____ ____ ____ Marking: Company name or trademarks UEY Recognized Component Mark. UEY-2 Dsg SFFY UEW-2 UEW-1 UEW-4 Mtl Dsg Polyurethane Polyurethane 榮星電線 or Polyurethane Polyurethane Polyurethane Polyurethane BC ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ SF.EILOCKBS SF.EILOCKY# SF.BW@ SFFW 287806002 SF.BLOCKBS SF.EIW SF.BY@ SF.FLY@ LSUEW PEY PEW SF.FLW Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane Modified Polyester Polyesterimide Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyester Polyurethane , material designation or marked designation on packaed or reel, and Nylon Polyamide Polyamide OC ____ ____ ____ MW28-C 130 MW28-C 130 Type ___ MW80C MW2-C MW75C ANSI Class 130 130 155 105 Temp Polyamide Polyamide Polyamide ____ Modified ____ ____ ____ Nylon Nylon Modified Nylon ___ MW26C MW79 ___ 155 155 180 180 MW77C ___ MW27-C MW27-C ___ MW24-C MW26C 180 155 155 155 155 155 130 155 Ⅷ﹒ UL CARD: NAME PROD. REF : ABC'S ITEM NO. ABC'S DWG NO. Coat Typ September 8, 2000 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN JUNG SHING WIRE CO LTD Mark ____ ____ ____ ____ ____ ____ ____ ____ ____ HSIEN TAIWAN CFUEWB FL.EILOCKY EIW EIW-2 EIAIW EILOCKW EILOCKY Mtl AIW Dsg Dsg Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyamideimide BC RADIAL INDUCTOR Magnet Wire-Component OBMW2 ____ Polyamideimide Polyamide Polyamide ____ ____ ____Epoxy Modified ____ OC MW75C 130 ___ ___ MW74-C ___ ___ MW35C 155 220 200 200 200 180 ANSI Type MW81-C 220 Temp Class SPECIFICATION FOR APPROVAL PAGE: 5 |